|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VSX40MD23 - 40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER - C&D Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VSX50MD23 | 50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER | 1 2 3 4 5 | C&D Technologies |
| VSX60XD35 | 60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER | 1 2 3 4 | C&D Technologies |
| VSX75MD35 | 75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER | 1 2 3 4 5 | C&D Technologies |
| WPA60 | 60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER | 1 2 3 4 | C&D Technologies |
| VKP60XT | 60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER | 1 2 3 4 5 More | C&D Technologies |
| Q2S30ZA | Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output | 1 2 | Power-One |
| VKQ100MS05 | 100 WATT 5.0VOUT QUARTER BRICK DC/DC CONVERTER | 1 2 3 4 5 | C&D Technologies |
| HWD075DGE | HWD Series . 75 Watt Half-Brick DC/DC Converter Wide Input Range Dual Output | 1 2 3 4 5 More | Power-One |
| VKQ100MS3V3 | 100 WATT 3.3VOUT QUARTER BRICK DC/DC CONVERTER | 1 2 3 4 5 | C&D Technologies |
| IHB100S | 10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER | 1 2 3 4 | C&D Technologies |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|