|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
U401 - Dual N-Channel JFET Switch - Calogic, LLC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LS5905-9 | LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET | 1 2 | Linear Integrated Systems |
| NTE457 | Silicon N-Channel JFET Transistor General Purpose Amp Switch | 1 2 | NTE Electronics |
| LS5911-2 | IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET | 1 2 | Linear Integrated Systems |
| 2N4391 | SINGLE N-CHANNEL JFET SWITCH | 1 2 3 | Linear Integrated Systems |
| GP400DDS12 | Powerline N-Channel Dual Switch IGBT Module | 1 2 3 4 5 More | Dynex Semiconductor |
| NTE459 | N-Channel Silicon JFET Transistor AF Amplifier/Chopper/Switch | 1 2 | NTE Electronics |
| 2N4391 | N-Channel JFET Switch | 1 2 | Calogic, LLC |
| H6968CTS | Dual N-Channel Enhancement-Mode MOSFET 20V 6.5A Battery Switch ESD Protected | 1 2 3 4 | Hi-Sincerity Mocroelectronics |
| 2N3958 | Monolithic N-Channel JFET Dual | 1 2 3 4 5 | Vishay Siliconix |
| H6968S | Dual N-Channel Enhancement-Mode MOSFET 20V 6.5A Battery Switch ESD Protected | 1 2 3 4 | Hi-Sincerity Mocroelectronics |
Datasheet Page |
1 2 |
Link URL |
|
|