Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1028A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB1028A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB1028A
Download  TB1028A Download

File Size   333.87 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)

TB1028A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB1028A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1028A
Download  TB1028A Click to download

File Size   333.87 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)

TB1028A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TB1028A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1028A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1028A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1028A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1028A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1028A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TB1028A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1028A GOLLEDGE-TB1028A Datasheet
104Kb / 5P
   SAW Filter 70.0MHz
More results


Similar Description - TB1028A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0211A TAI-SAW-TB0211A Datasheet
489Kb / 5P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0214B TAI-SAW-TB0214B Datasheet
378Kb / 7P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0195B TAI-SAW-TB0195B Datasheet
395Kb / 7P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0212A TAI-SAW-TB0212A Datasheet
556Kb / 5P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB1027A TAI-SAW-TB1027A Datasheet
326Kb / 6P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0202B TAI-SAW-TB0202B Datasheet
388Kb / 7P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0202A TAI-SAW-TB0202A Datasheet
364Kb / 6P
   Low-Loss 70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0225A TAI-SAW-TB0225A Datasheet
632Kb / 6P
   70 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
TB0194B TAI-SAW-TB0194B Datasheet
381Kb / 7P
   Low Loss 70 MHz SAW Filter (SMD 13.3횞6.5 mm)7
TB0203B TAI-SAW-TB0203B Datasheet
367Kb / 9P
   Low-Loss 140 MHz IF SAW Filter (SMD 13.3횞6.5 mm)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com