Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF41 Datasheet (PDF) - Leshan Radio Company

SF41 Datasheet PDF - Leshan Radio Company
Part # SF41
Download  SF41 Download

File Size   206.54 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A

SF41 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF41 Datasheet PDF - Leshan Radio Company

Part # SF41
Download  SF41 Click to download

File Size   206.54 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A

SF41 Datasheet (HTML) - Leshan Radio Company

SF41 Datasheet HTML 1Page - Leshan Radio Company SF41 Datasheet HTML 2Page - Leshan Radio Company SF41 Datasheet HTML 3Page - Leshan Radio Company SF41 Datasheet HTML 4Page - Leshan Radio Company SF41 Datasheet HTML 5Page - Leshan Radio Company SF41 Datasheet HTML 6Page - Leshan Radio Company SF41 Datasheet HTML 7Page - Leshan Radio Company

SF41 Product details

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
   260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - SF41

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF41 MOSPEC-SF41 Datasheet
127Kb / 2P
   POWER RECTIFIERS(4.0A,50-400V)
logo
GOOD-ARK Electronics
SF41 GOOD-ARK-SF41 Datasheet
173Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
logo
HY ELECTRONIC CORP.
SF41 HY-SF41 Datasheet
412Kb / 3P
   Super Fast Recovery Recitifiers
logo
Mospec Semiconductor
SF410 MOSPEC-SF410 Datasheet
127Kb / 2P
   POWER RECTIFIERS(4.0A,500-1000V)
logo
ML Accessories Limited....
SF4100AT KNIGHTSBRIDGE-SF4100AT Datasheet
145Kb / 1P
   TERMINAL CAPACITY 2 x 1.0mm² or 2 x 1.5mm²
28/03/2024
More results


Similar Description - SF41

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Rugao Dachang Electroni...
MUR405 DACHANG-MUR405 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Leshan Radio Company
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF41G LRC-SF41G Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF61 LRC-SF61 Datasheet
205Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF51 LRC-SF51 Datasheet
232Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
   Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Cystech Electonics Corp...
MUR460SB CYSTEKEC-MUR460SB Datasheet
418Kb / 6P
   Ultra-fast Plastic Rectifiers Reverse Voltage 600V Forward Current 4A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com