|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
INA2132 - Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER - Burr-Brown Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OPA2631 | Dual Low Power Single-Supply OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | Burr-Brown Corporation |
| INA132 | Low Power Single-Supply DIFFERENCE AMPLIFIER | 1 2 3 4 5 More | Burr-Brown Corporation |
| NJM2132 | SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER | 1 2 3 | New Japan Radio |
| ZL40121 | Low Power Current Feedback Dual Operational Amplifier | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| AD8012 | Dual 350 MHz Low Power Amplifier | 1 2 3 4 5 More | Analog Devices |
| OPA2658 | Dual Wideband Low Power Current Feedback OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | Burr-Brown Corporation |
| LT1187 | Low Power Video Difference Amplifier | 1 2 3 4 5 More | Linear Technology |
| NTE928 | Integrated Circuit Low Power Dual Operational Amplifier | 1 2 3 | NTE Electronics |
| CA3102 | Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz | 1 2 3 4 5 More | Intersil Corporation |
| LT1189 | Low Power Video Difference Amplifier | 1 2 3 4 5 More | Linear Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|