Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0193A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB0193A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB0193A
Download  TB0193A Download

File Size   422.57 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Low Loss 70MHz SAW IF Filter (BW=7MHz)

TB0193A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB0193A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0193A
Download  TB0193A Click to download

File Size   422.57 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Low Loss 70MHz SAW IF Filter (BW=7MHz)

TB0193A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TB0193A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0193A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0193A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0193A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0193A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TB0193A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0193A GOLLEDGE-TB0193A Datasheet
142Kb / 4P
   SAW Filter 70.0MHz - Low loss
More results


Similar Description - TB0193A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0185A TAI-SAW-TB0185A Datasheet
413Kb / 7P
   IF SAW Filter 70MHz(BW=7MHz) SMD 13.3X6.5mm
TB0195A TAI-SAW-TB0195A Datasheet
385Kb / 4P
   Low-Loss 70MHz IF SAW Filter (BW=3.0MHz)
TB0194A TAI-SAW-TB0194A Datasheet
422Kb / 4P
   Low Loss 70MHz SAW IF Filter (BW=5MHz)
logo
Golledge Electronics Lt...
MA05392 GOLLEDGE-MA05392 Datasheet
98Kb / 3P
   IF SAW Filter Low-Loss 70MHz (BW=9 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TB0214A TAI-SAW-TB0214A Datasheet
438Kb / 4P
   Low-Loss 70MHz IF SAW Filter (BW=16 MHz)
logo
Golledge Electronics Lt...
MA05391 GOLLEDGE-MA05391 Datasheet
95Kb / 4P
   IF SAW Filter Low-Loss 70MHz (BW=16 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TB0213A TAI-SAW-TB0213A Datasheet
434Kb / 5P
   Low-Loss 70MHz IF SAW Filter (BW=9 MHz)
logo
Golledge Electronics Lt...
MA04600 GOLLEDGE-MA04600 Datasheet
88Kb / 3P
   IF SAW Filter 70MHz Low loss
logo
TAI-SAW TECHNOLOGY CO.,...
TB0186A TAI-SAW-TB0186A Datasheet
440Kb / 4P
   70MHz SAW IF Filter (BW=20MHz)
TB0787A TAI-SAW-TB0787A Datasheet
369Kb / 7P
   IF SAW Filter 333.04MHz(BW=7MHz) SMD 5X7mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com