|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2N5415 - HIGH VOLTAGE AMPLIFIERS - Boca Semiconductor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BF257 | HIGH VOLTAGE VIDEO AMPLIFIERS | 1 2 3 4 5 | STMicroelectronics |
| HA-2640 | 4MHz High Supply Voltage Operational Amplifiers | 1 2 3 4 5 More | Intersil Corporation |
| BF457 | HIGH VOLTAGE VIDEO AMPLIFIERS | 1 2 3 | STMicroelectronics |
| PA241 | High Voltage Power Operational Amplifiers | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| PA83A | HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS | 1 2 3 4 | Cirrus Logic |
| ISL55002 | High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers | 1 2 3 4 5 More | Intersil Corporation |
| PA85 | HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS | 1 2 3 4 | Cirrus Logic |
| PA15 | HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS | 1 2 3 4 | Cirrus Logic |
| AD8057 | Low Cost High Performance Voltage Feedback 325 MHz Amplifiers | 1 2 3 4 5 More | Analog Devices |
| PA90 | HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS | 1 2 3 4 | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|