Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1020AI-EVB Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1020AI-EVB Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1020AI-EVB
Download  AOZ1020AI-EVB Download

File Size   206.25 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??2A Synchronous Buck Regulator Evaluation Board Note

AOZ1020AI-EVB Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1020AI-EVB Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1020AI-EVB
Download  AOZ1020AI-EVB Click to download

File Size   206.25 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??2A Synchronous Buck Regulator Evaluation Board Note

AOZ1020AI-EVB Datasheet (HTML) - Alpha & Omega Semiconductors

AOZ1020AI-EVB Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1020AI-EVB Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1020AI-EVB Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1020AI-EVB Datasheet HTML 4Page - Alpha & Omega Semiconductors



Similar Part No. - AOZ1020AI-EVB

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
   EZBuck??2A Synchronous Buck Regulator
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
More results


Similar Description - AOZ1020AI-EVB

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1210-EVA AOSMD-AOZ1210-EVA Datasheet
401Kb / 5P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1019-EVA AOSMD-AOZ1019-EVA Datasheet
200Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1015-EVA AOSMD-AOZ1015-EVA Datasheet
203Kb / 4P
   EZBuck??1.5A Simple Buck Regulator Evaluation Board Note
AOZ1017-EVA AOSMD-AOZ1017-EVA Datasheet
215Kb / 4P
   EZBuck??3A Simple Buck Regulator Evaluation Board Note
AOZ1020 AOSMD-AOZ1020 Datasheet
539Kb / 15P
   EZBuck??2A Synchronous Buck Regulator
AOZ1252 AOSMD-AOZ1252 Datasheet
570Kb / 13P
   2A EZBuck??Synchronous Buck Regulator
AOZ6682CI AOSMD-AOZ6682CI Datasheet
1Mb / 14P
   EZBuck™ 2A Synchronous Buck Regulator
Rev. 1.2 May 2021
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com