Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM0402C Datasheet (PDF) - Aplus Intergrated Circuits

ASM0402C Datasheet PDF - Aplus Intergrated Circuits
Part # ASM0402C
Download  ASM0402C Download

File Size   596.62 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR

ASM0402C Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM0402C Datasheet PDF - Aplus Intergrated Circuits

Part # ASM0402C
Download  ASM0402C Click to download

File Size   596.62 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR

ASM0402C Datasheet (HTML) - Aplus Intergrated Circuits

ASM0402C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM0402C Datasheet HTML 7Page - Aplus Intergrated Circuits

ASM0402C Product details

General Description
The ASM0402C is very low cost voice synthesizer with 4-bit microprocessor. It has various features including 4-bit ALU, ROM, RAM, I/O ports, timers, clock generator, watchdog timer(WDT), voice synthesizer, etc. It consists of 22 instructions in the device. With CMOS technology and halt function can minimize power dissipation. Its architecture is similar to RISC, with two stages of instruction pipeline. It allows all instructions to be executed in a single cycle, except for program branches and data table read instructions (which need two instruction cycles).

Feature
◆ Single power supply can operate from 2.4V through 5V
◆ Internal Program ROM: 2K x 10-bit
◆ 1 sets of 14-bit DPR can access up to 16K x 10 bits data memory space
◆ Data Registers:
    • 48 x 4-bit data RAM (00-1Fh plus 40h-4Fh)
    • Unbanked special function registers (SFR) range: 20h-3Fh
◆ I/O Ports:
    • PRA: 2-bit I/O Port A (2Bh)
◆ On-chip clock generator: Resistive Clock Drive(RM)
◆ Timer: 1
    • Timer0: a 9-bit auto-reload timer/counter
◆ Stack: 2-level subroutine nesting
◆ HALT and Release from HALT function to reduce power consumption
◆ Watch Dog Timer (WDT)
◆ Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles
◆ Number of instruction: 22
◆ The Voice function can be implemented by microprocessor instruction
    • One 8-bit COUT output for ASMxxxxx




Similar Part No. - ASM0402C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM0406C APLUS-ASM0406C Datasheet
632Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results


Similar Description - ASM0402C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
   very low cost voice synthesizer with 4-bit microprocessor
ASM8412CA APLUS-ASM8412CA Datasheet
319Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com