|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AMT121302 - 1.25Gb/s 1310/1550nm PIN-TIA - ANADIGICS, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PT-9530 | 3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE | 1 2 | Optoway Technology Inc |
| MG2C-8012 | 2.5 Gbps 850 nm PIN-TIA | 1 2 | List of Unclassifed Manufacturers |
| AMT8210 | 1.25 Gb/s 1310/1550nm PIN-TIA | 1 2 3 4 | ANADIGICS, Inc |
| AMT8310 | 2.5 Gb/s 850 nm PIN-TIA | 1 2 3 4 5 More | ANADIGICS, Inc |
| AMT8312 | 2.5 Gb/s 850 nm PIN-TIA | 1 2 3 4 5 More | ANADIGICS, Inc |
| AMT8410 | 2.5 Gb/s 1310/1550nm PIN-TIA | 1 2 3 4 5 More | ANADIGICS, Inc |
| AMT8412 | 2.5 Gb/s 1310/1550nm PIN-TIA | 1 2 3 4 | ANADIGICS, Inc |
| AMT8630 | 10 Gb/s 1310/1550nm PIN-TIA | 1 2 3 4 | ANADIGICS, Inc |
| AMT8650 | 10 Gb/s 1310/1550nm PIN-TIA | 1 2 3 4 | ANADIGICS, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|