Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST619LBN Datasheet (PDF) - STMicroelectronics

ST619LBN Datasheet PDF - STMicroelectronics
Part # ST619LBN
Download  ST619LBN Download

File Size   696.18 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC-DC converter regulated 5 V charge pump

ST619LBN Datasheet (PDF)

Go To PDF Page Download Datasheet
ST619LBN Datasheet PDF - STMicroelectronics

Part # ST619LBN
Download  ST619LBN Click to download

File Size   696.18 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC-DC converter regulated 5 V charge pump

ST619LBN Datasheet (HTML) - STMicroelectronics

Back Button ST619LBN Datasheet HTML 1Page - STMicroelectronics ST619LBN Datasheet HTML 2Page - STMicroelectronics ST619LBN Datasheet HTML 3Page - STMicroelectronics ST619LBN Datasheet HTML 4Page - STMicroelectronics ST619LBN Datasheet HTML 5Page - STMicroelectronics ST619LBN Datasheet HTML 6Page - STMicroelectronics ST619LBN Datasheet HTML 7Page - STMicroelectronics ST619LBN Datasheet HTML 8Page - STMicroelectronics ST619LBN Datasheet HTML 9Page - STMicroelectronics ST619LBN Datasheet HTML 10Page - STMicroelectronics Next Button 

ST619LBN Product details

DESCRIPTION
The ST619LB is a step-up charge pump DC-DC converter which delivers a regulated 5V ±4% output at 30mA and over temperature. The input voltage range is 2V to 3.6V (two battery cells). It requires only four external capacitor: two 0.22µF flying capacitors, and 10µF capacitors at the input and output.

■ REGULATED 5V ±4% CHARGE PUMP
■ OUTPUT CURRENT GUARANTEED OVER TEMPERATURE : 20mA (VI ≥ 2V ), 30mA (VI ≥ 3V )
■ NO INDUCTORS; VERY LOW EMI NOISE
■ USES SMALL, INEXPENSIVE CAPACITORS
■ LOGIC CONTROLLED 1µA MAX SHUT-DOWN SUPPLY CURRENT
■ SHUT DOWN DISCONNECTS LOAD FROM INPUT
■ AVAILABLE IN SO-8 AND DIP-8 PACKAGES




Similar Part No. - ST619LBN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
   DC-DC CONVERTER REGULATED 5V CHARGE PUMP
ST619LB STMICROELECTRONICS-ST619LB Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
ST619LBDR STMICROELECTRONICS-ST619LBDR Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Similar Description - ST619LBN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
   DC-DC CONVERTER REGULATED 5V CHARGE PUMP
logo
Texas Instruments
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com