|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HY86-12 - 90 Degree Hybrid 0.82-0.90 GHz - Alpha Industries |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HY17-12 | 90 Degree Hybrid 1.71-1.88 GHz | 1 2 3 | Alpha Industries |
| HY19-12 | 90 Degree Hybrid 1.85-1.99 GHz | 1 2 3 | Alpha Industries |
| HY22-73 | 90 Degree Hybrid 2.1-2.3 GHz | 1 2 3 | Alpha Industries |
| HY92-12 | 90 Degree Hybrid 0.88-0.96 GHz | 1 2 3 | Alpha Industries |
| JH-141 | High-Frequency Quadrature Hybrid 1 - 2 GHz | 1 2 | Tyco Electronics |
| AM035N4-00 | 32-37 GHz GaAs MMIC Ring Hybrid Mixer | 1 2 | Alpha Industries |
| AM035N5-00 | 32-37 GHz GaAs MMIC Ring Hybrid Mixer | 1 2 | Alpha Industries |
| PTH31002 | 30 Watts 1.9-2.0 GHz 50-Ohm Power Hybrid | 1 2 3 4 5 | Ericsson |
| PTH32003 | 25 Watts 1.9-2.0 GHz 50-Ohm High-Gain Power Hybrid | 1 2 3 4 | Ericsson |
| H-183-4 | Microwave Hybrid Junction 30 MHz - 3 GHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|