|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AP640R5-00 - 24-40 GHz GaAs MMIC SPDT Reflective PIN Switch - Alpha Industries |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP640R6-00 | 24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch | 1 2 | Alpha Industries |
| AP640R7-00 | 24-35 GHz GaAs MMIC High Power SPDT Reflective PIN Switch | 1 2 | Alpha Industries |
| AP640R1-00 | 18-40 GHz GaAs MMIC High Isolation SPST Reflective PIN Switch | 1 2 | Alpha Industries |
| AS002R2-12 | GaAs IC SPDT Low Loss Switch Reflective DC-2.5 GHz | 1 2 | Skyworks Solutions Inc. |
| AWS5518 | GaAs IC SPDT Reflective Switch DC-2.0 GHz | 1 2 3 4 5 More | ANADIGICS, Inc |
| MGS-70008 | Reflective SPDT GaAs MMIC Switch | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| HMC232 | GaAs MMIC SPDT NON-REFLECTIVE SWITCH DC - 15.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SW-110 | GaAs SPDT Reflective Switch DC-3 GHz with TTL/CMOS Control Input | 1 2 | Tyco Electronics |
| HMC232C8 | GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH DC - 8.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SW-137 | GaAs SPDT Reflective Switch 0.01 - 3 GHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|