|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AM035N5-00 - 32-37 GHz GaAs MMIC Ring Hybrid Mixer - Alpha Industries |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AM035N4-00 | 32-37 GHz GaAs MMIC Ring Hybrid Mixer | 1 2 | Alpha Industries |
| AM028R1-00 | 26-33 GHz GaAs MMIC Image Rejection Balanced Mixer | 1 2 | Alpha Industries |
| HMC203 | GaAs MMIC DOUBLE-BALANCED MIXER 14 - 23 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| HMC256 | GaAs MMIC I/Q MIXER 5.9 - 12 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC128G8 | GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| HMC527 | GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC556 | GaAs MMIC I/Q MIXER 36 - 41 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AM028S1-00 | 26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer | 1 2 | Alpha Industries |
| HMC258 | GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 14 - 21 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC332 | GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 2.0 - 2.8 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|