Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2347B Datasheet (PDF) - Asahi Kasei Microsystems

AK2347B Datasheet PDF - Asahi Kasei Microsystems
Part # AK2347B
Download  AK2347B Download

File Size   341.91 Kbytes
Page   34 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Two-way Radio Audio & Sub-Audio Processor

AK2347B Datasheet (PDF)

Go To PDF Page Download Datasheet
AK2347B Datasheet PDF - Asahi Kasei Microsystems

Part # AK2347B
Download  AK2347B Click to download

File Size   341.91 Kbytes
Page   34 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Two-way Radio Audio & Sub-Audio Processor

AK2347B Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK2347B Datasheet HTML 1Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 2Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 3Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 4Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 5Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 6Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 7Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 8Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 9Page - Asahi Kasei Microsystems AK2347B Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK2347B Product details

Description

AK2347B includes audio filter, limiter, splatter filter, compandor, scrambler, which is highly integrated two-way radio baseband functions for FRS and LMR.

Audio high-pass filter shows a high attenuation in magnitude response characteristics under 250Hz that supports to eliminate a subaudio tone clearly.



Features

• Audio processing

  • TX and RX amplifier

  • Pre/De-emphasis circuit

  • Compressor and Expander with no external components

  • Scrambler and De-scrambler in frequency inversion type (3.388kHz or 3.290kHz)

  • Limiter with level adjuster

  • Splatter filter for wide and narrow band

  • Digital controlled amplifier for microphone, modulator and demodulator sensitivity

• Sub-Audio filter with level adjuster for CTCSS and DCS

• Low power supply operation: 2.7 to 3,3V

• Wide range operating for temperature: -40 to 85 °C

• Oscillator circuit for 3.6864MHz and 3.579545MHz crystal

• Serial control interface operation

• Compact plastic packaging, 24-pin SSOP



 



 




Similar Part No. - AK2347B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2347 AKM-AK2347 Datasheet
229Kb / 33P
   AUDIO LSI
AK2347A AKM-AK2347A Datasheet
350Kb / 34P
   Two-way Radio Audio & Sub-Audio Processor
More results


Similar Description - AK2347B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2347A AKM-AK2347A Datasheet
350Kb / 34P
   Two-way Radio Audio & Sub-Audio Processor
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
   Car radio audio processor
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
logo
National Semiconductor ...
LM4830 NSC-LM4830 Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
logo
Laird Tech Smart Techno...
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com