|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ULS-2064H - 1.25 A QUAD DARLINGTON SWITCHES - Allegro MicroSystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L6220 | QUAD DARLINGTON SWITCHES | 1 2 3 4 5 More | STMicroelectronics |
| 2064 | QUAD 1.5 A DARLINGTON SWITCHES | 1 2 3 4 5 More | Allegro MicroSystems |
| 2878 | QUAD HIGH-CURRENT DARLINGTON SWITCHES | 1 2 3 4 5 More | Allegro MicroSystems |
| ULN2064B-ULN2066B | 50V - 1.5A QUAD DARLINGTON SWITCHES | 1 2 3 4 5 More | STMicroelectronics |
| ULN2065B-ULN2067B | 80 V - 1.5 A QUAD DARLINGTON SWITCHES | 1 2 3 4 5 More | STMicroelectronics |
| ULN2068 | QUAD 1.5 A DARLINGTON SWITCH | 1 2 3 4 5 More | Motorola, Inc |
| ADG411 | LC2MOS Precision Quad SPST Switches | 1 2 3 4 5 More | Analog Devices |
| MAX326 | Quad SPST Ultra-Low Leakage CMOS Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX4677 | 2⦠Quad SPST CMOS Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
| SW7510EQ | QUAD SPST JFET ANALOG SWITCHES | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|