Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5293BRUZ-50-RL7 Datasheet (PDF) - Analog Devices

AD5293BRUZ-50-RL7 Datasheet PDF - Analog Devices
Part # AD5293BRUZ-50-RL7
Download  AD5293BRUZ-50-RL7 Download

File Size   938.31 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer

AD5293BRUZ-50-RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5293BRUZ-50-RL7 Datasheet PDF - Analog Devices

Part # AD5293BRUZ-50-RL7
Download  AD5293BRUZ-50-RL7 Click to download

File Size   938.31 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer

AD5293BRUZ-50-RL7 Datasheet (HTML) - Analog Devices

Back Button AD5293BRUZ-50-RL7 Datasheet HTML 1Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 2Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 3Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 4Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 5Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 6Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 7Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 8Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 9Page - Analog Devices AD5293BRUZ-50-RL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD5293BRUZ-50-RL7 Product details

GENERAL DESCRIPTION

The AD5293 is a single-channel, 1024-position digital potentiometer with a <1% end-to-end resistor tolerance error. The AD5293 performs the same electronic adjustment function as a mechanical potentiometer with enhanced resolution, solid state reliability, and superior low temperature coefficient performance. This device is capable of operating at high voltages and supporting both dual-supply operation at ±10.5 V to ±15 V and single-supply operation at 21 V to 30 V.



FEATURES

Single-channel, 1024-position resolution

20 kΩ, 50 kΩ, and 100 kΩ nominal resistance

Calibrated 1% nominal resistor tolerance (resistor performance mode)

Rheostat mode temperature coefficient: 35 ppm/°C

Voltage divider temperature coefficient: 5 ppm/°C

Single-supply operation: 9 V to 33 V

Dual-supply operation: ±9 V to ±16.5 V

SPI-compatible serial interface

Wiper setting readback



APPLICATIONS

Mechanical potentiometer replacement

Instrumentation: gain and offset adjustment

Programmable voltage-to-current conversion

Programmable filters, delays, and time constants

Programmable power supply

Low resolution DAC replacements

Sensor calibration




Similar Part No. - AD5293BRUZ-50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5293BRUZ-50-RL7 AD-AD5293BRUZ-50-RL7 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
More results


Similar Description - AD5293BRUZ-50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293 AD-AD5293 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com