Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2907AT Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMBT2907AT Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # MMBT2907AT
Download  MMBT2907AT Download

File Size   106.3 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

MMBT2907AT Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT2907AT Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMBT2907AT
Download  MMBT2907AT Click to download

File Size   106.3 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

MMBT2907AT Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMBT2907AT Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MMBT2907AT Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMBT2907AT Product details

FEATURES

  Power dissipation

     PCM: 0.15 W (Tamb=25℃)

  Collector current

     ICM: -0.6 A

  Collector-base voltage

     V(BR)CBO: -60 V

  Operating and storage junction temperature range

     TJ, Tstg: -55℃ to +150℃



 




Similar Part No. - MMBT2907AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2907AT DIODES-MMBT2907AT Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 2 - 2
logo
Guangdong Kexin Industr...
MMBT2907AT KEXIN-MMBT2907AT Datasheet
884Kb / 2P
   PNP Transistors
logo
Weitron Technology
MMBT2907AT WEITRON-MMBT2907AT Datasheet
101Kb / 5P
   PNP General Purpose Transistors
logo
DONGGUAN YOU FENG WEI E...
MMBT2907AT YFWDIODE-MMBT2907AT Datasheet
442Kb / 2P
   PNP Transistors
logo
Diodes Incorporated
MMBT2907AT DIODES-MMBT2907AT Datasheet
353Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
More results


Similar Description - MMBT2907AT

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com