Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTH1215MC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NTH1215MC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NTH1215MC
Download  NTH1215MC Download

File Size   232.26 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 2W Dual Output SM DC/DC Converters

NTH1215MC Datasheet (PDF)

Go To PDF Page Download Datasheet
NTH1215MC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NTH1215MC
Download  NTH1215MC Click to download

File Size   232.26 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 2W Dual Output SM DC/DC Converters

NTH1215MC Datasheet (HTML) - Murata Manufacturing Co., Ltd.

NTH1215MC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTH1215MC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTH1215MC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTH1215MC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NTH1215MC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NTH1215MC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.



Similar Part No. - NTH1215MC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTH1215M CANDD-NTH1215M Datasheet
609Kb / 2P
   Isolated 2W Dual Output SM DC-DC Converters
More results


Similar Description - NTH1215MC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTH CANDD-NTH Datasheet
609Kb / 2P
   Isolated 2W Dual Output SM DC-DC Converters
logo
Murata Power Solutions ...
NXJ2 MURATA-PS-NXJ2 Datasheet
694Kb / 13P
   Isolated 2W Single Output SM DC-DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com