Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10051922-191LF Datasheet (PDF) - List of Unclassifed Manufacturers

10051922-191LF Datasheet PDF - List of Unclassifed Manufacturers
Part # 10051922-191LF
Download  10051922-191LF Download

File Size   700.6 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPC VLL SERIES

10051922-191LF Datasheet (PDF)

Go To PDF Page Download Datasheet
10051922-191LF Datasheet PDF - List of Unclassifed Manufacturers

Part # 10051922-191LF
Download  10051922-191LF Click to download

File Size   700.6 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPC VLL SERIES

10051922-191LF Datasheet (HTML) - List of Unclassifed Manufacturers

10051922-191LF Datasheet HTML 1Page - List of Unclassifed Manufacturers 10051922-191LF Datasheet HTML 2Page - List of Unclassifed Manufacturers 10051922-191LF Datasheet HTML 3Page - List of Unclassifed Manufacturers 10051922-191LF Datasheet HTML 4Page - List of Unclassifed Manufacturers 10051922-191LF Datasheet HTML 5Page - List of Unclassifed Manufacturers



Similar Part No. - 10051922-191LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10051922-1010EHLF FCI-CONNECTOR-10051922-1010EHLF Datasheet
188Kb / 18P
   OPU SERIES 0.5mm Pitch
10051922-1010ELF FCI-CONNECTOR-10051922-1010ELF Datasheet
188Kb / 18P
   OPU SERIES 0.5mm Pitch
10051922-1110ELF FCI-CONNECTOR-10051922-1110ELF Datasheet
188Kb / 18P
   OPU SERIES 0.5mm Pitch
10051922-1210EHLF FCI-CONNECTOR-10051922-1210EHLF Datasheet
188Kb / 18P
   OPU SERIES 0.5mm Pitch
10051922-1210ELF FCI-CONNECTOR-10051922-1210ELF Datasheet
188Kb / 18P
   OPU SERIES 0.5mm Pitch
More results


Similar Description - 10051922-191LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10051922 FCI-CONNECTOR-10051922 Datasheet
700Kb / 5P
   ASSEMBLY 0.5mm PITCH CONNECTOR FOR FPC VLL SERIES
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Newhaven Display Intern...
MOLEX52437-2272 NEWHAVEN-MOLEX52437-2272 Datasheet
193Kb / 12P
   the 0.5mm PITCH FPC CONNECTOR series
logo
JST Mfg. Co., Ltd.
FHY JST-FHY Datasheet
72Kb / 2P
   FHY CONNECTOR 0.5mm pitch/Connectors for FPC
logo
List of Unclassifed Man...
10085901-6015ELF ETC2-10085901-6015ELF Datasheet
836Kb / 6P
   ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPCVHC SERIES
logo
FCI connector
62674 FCI-CONNECTOR-62674 Datasheet
1Mb / 10P
   0.5MM FPC/FFC SMT CONNECTOR USED FOR FPC/FFC WITH 0.5MM CONTACK SPACING
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
   Low Profile 0.5mm Pitch Connectors For FPC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com