|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AKD4520 - 100dB 20Bit Stereo ADC & DAC - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AK4522 | 20BIT STEREO ADC & DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4523 | 20BIT STEREO ADC & DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4525 | 20BIT STEREO ADC & DAC WITH X TAL OSC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| PCM3010 | 24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC 192-kHz DAC AND SINGLE-ENDED ANALOG INPUT/OUTPUT | 1 2 3 4 5 More | Texas Instruments |
| TDA1309H | Low-voltage low-power stereo bitstream ADC/DAC | 1 2 3 4 5 More | NXP Semiconductors |
| UDA1309H | Low-power stereo bitstream ADC/DAC | 1 2 3 4 5 More | NXP Semiconductors |
| AD7339 | 5 V Integrated High Speed ADC/Quad DAC System | 1 2 3 4 5 More | Analog Devices |
| AD7729 | Dual Sigma-Delta ADC with Auxiliary DAC | 1 2 3 4 5 More | Analog Devices |
| WM8740 | 24-bit High Performance 192kHz Stereo DAC | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| AV2636 | 24-bit 192kHz Stereo Audio DAC | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 |
Link URL |
|
|