|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AKD4353 - 96kHz 24BIT DAC WITH DIT - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AK4364 | 96kHz 24BIT DAC WITH PLL AND DIT | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4363 | 96kHz 24Bit DAC with PLL | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK4584 | 24BIT 96KHZ AUDIO CODEC WITH DIT/DIR | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| WM8736 | 24-bit 96kHz 6-Channel DAC with Volume Control | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| AK4380 | 100dB 24BIT 96kHz 2CH DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AK5353 | 96kHz 24BIT ADC WITH SIGLE-ENDED INPUT | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| WM8746 | 24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| AK4591 | 24bit 4ch ADC + 24bit 6ch DAC | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| TLV320AIC23 | STereo Audio CODEC 8- to 96kHz With Integrated Headphone Amplifier | 1 2 3 4 5 More | Texas Instruments |
| TLV320DAC23 | STEREO AUDIO D/A CONVERTER 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 |
Link URL |
|
|