Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1015 Datasheet (PDF) - Toshiba Semiconductor

2SA1015 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1015
Download  2SA1015 Download

File Size   196.1 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)

2SA1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1015 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1015
Download  2SA1015 Click to download

File Size   196.1 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)

2SA1015 Datasheet (HTML) - Toshiba Semiconductor

2SA1015 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1015 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1015 Datasheet HTML 3Page - Toshiba Semiconductor

2SA1015 Product details

Audio Frequency General Purpose Amplifier Applications
Driver Stage Amplifier Applications
   
• High voltage and high current: VCEO = −50 V (min),
                                                    IC = −150 mA (max)
• Excellent hFE linearity: hFE (2) = 80 (typ.) at VCE = −6 V, IC = −150 mA
                                      : hFE (IC = −0.1 mA)/hFE (IC = −2 mA) = 0.95 (typ.)
• Low noise: NF = 1dB (typ.) (f = 1 kHz)
• Complementary to 2SC1815.
   




Similar Part No. - 2SA1015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
156Kb / 2P
   PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
logo
Inchange Semiconductor ...
2SA1015 ISC-2SA1015 Datasheet
124Kb / 2P
   isc Silicon PNP Transistor
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
   Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
logo
Micro Electronics
2SA1015 MICRO-ELECTRONICS-2SA1015 Datasheet
73Kb / 1P
   PNP SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
2SA1015 SEMTECH_ELEC-2SA1015 Datasheet
154Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Similar Description - 2SA1015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN2301 TOSHIBA-RN2301 Datasheet
261Kb / 7P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2607 TOSHIBA-RN2607 Datasheet
191Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2313 TOSHIBA-RN2313 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2967 TOSHIBA-RN2967 Datasheet
278Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1241-O TOSHIBA-2SA1241-O Datasheet
189Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com