Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-390112-1 Datasheet (PDF) - Tyco Electronics

8-390112-1 Datasheet PDF - Tyco Electronics
Part # 8-390112-1
Download  8-390112-1 Download

File Size   378.56 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description DIMM SOCKET ASSY, 0.8mm, 3.3V 144 POSITION

8-390112-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
8-390112-1 Datasheet PDF - Tyco Electronics

Part # 8-390112-1
Download  8-390112-1 Click to download

File Size   378.56 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description DIMM SOCKET ASSY, 0.8mm, 3.3V 144 POSITION

8-390112-1 Datasheet (HTML) - Tyco Electronics

8-390112-1 Datasheet HTML 1Page - Tyco Electronics 8-390112-1 Datasheet HTML 2Page - Tyco Electronics



Similar Part No. - 8-390112-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-3 TEC-8-3 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
8-3 TEC-8-3 Datasheet
184Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
8-316289-0 MACOM-8-316289-0 Datasheet
475Kb / 3P
   ON TAPING (EMBOSS) 0.5mm PITCH Fine Mate CONN.
logo
List of Unclassifed Man...
8-320559-2 ETC2-8-320559-2 Datasheet
85Kb / 1P
   SPLICE BUTT PIDG WIRE SIZE 22-16
8-320559-4 ETC2-8-320559-4 Datasheet
85Kb / 1P
   SPLICE BUTT PIDG WIRE SIZE 22-16
More results


Similar Description - 8-390112-1

ManufacturerPart #DatasheetDescription
logo
FCI connector
10062086 FCI-CONNECTOR-10062086 Datasheet
335Kb / 4P
   SO DIMM SOCKET, P=0.8mm 144 POSITION, STD PROFILE
logo
Tyco Electronics
390322-1 MACOM-390322-1 Datasheet
163Kb / 2P
   S.O.DIMM SOCKET ASSY, 0.8mm PITCH
logo
List of Unclassifed Man...
SX6E-144S-08SH ETC1-SX6E-144S-08SH Datasheet
182Kb / 7P
   0.8mm Pitch 4mm Mounting Height S.O. DIMM Socket
logo
FCI connector
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
61082-043400LF FCI-CONNECTOR-61082-043400LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM RECEPTACLE ASSY
61082-101602LF FCI-CONNECTOR-61082-101602LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM RECEPTACLE ASSY
61083-042400LF FCI-CONNECTOR-61083-042400LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB PLUG ASSY
61083-104402LF FCI-CONNECTOR-61083-104402LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB PLUG ASSY
logo
Yamaichi Electronics Co...
IC-497-1-1-MF YAMAICHI-IC-497-1-1-MF Datasheet
52Kb / 1P
   Dual InlineMemoryModule (DIMM, 144 pins)
logo
Harwin Plc
H8501-01 HARWIN-H8501-01 Datasheet
80Kb / 1P
   0.8mm SOCKET ASSEMBLY
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com