|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TL494 - SMPS Controller - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L6565 | QUASI-RESONANT SMPS CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| KA3846 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| KA3882 | SMPS CONTROLLER | 1 2 3 4 5 | Fairchild Semiconductor |
| ICE2A0565 | Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS | 1 2 3 4 5 More | Infineon Technologies AG |
| KA7500B | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| ICE3A0365 | Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS | 1 2 3 4 5 More | Infineon Technologies AG |
| KA7500C | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| KA7515 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| UC3525A | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| UC3842 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|