Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1111ANZ-5 Datasheet (PDF) - Analog Devices

ADP1111ANZ-5 Datasheet PDF - Analog Devices
Part # ADP1111ANZ-5
Download  ADP1111ANZ-5 Download

File Size   322.61 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V

ADP1111ANZ-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1111ANZ-5 Datasheet PDF - Analog Devices

Part # ADP1111ANZ-5
Download  ADP1111ANZ-5 Click to download

File Size   322.61 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V

ADP1111ANZ-5 Datasheet (HTML) - Analog Devices

Back Button ADP1111ANZ-5 Datasheet HTML 1Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 2Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 3Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 4Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 5Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 6Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 7Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 8Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 9Page - Analog Devices ADP1111ANZ-5 Datasheet HTML 10Page - Analog Devices Next Button 

ADP1111ANZ-5 Product details

GENERAL DESCRIPTION
The ADP1111 is part of a family of step-up/step-down switching regulators that operates from an input voltage supply of 2 V to 12 V in step-up mode and up to 30 V in step-down mode. The ADP1111 can be programmed to operate in step-up/stepdown or inverting applications with only 3 external components.
   
FEATURES
    Operates from 2 V to 30 V Input Voltage Range
    72 kHz Frequency Operation
    Utilizes Surface Mount Inductors
    Very Few External Components Required
    Operates in Step-Up/Step-Down or Inverting Mode
    Low Battery Detector
    User Adjustable Current Limit
    Internal 1 A Power Switch
    Fixed or Adjustable Output Voltage
    8-Pin DIP or SO-8 Package
   
APPLICATIONS
    3 V to 5 V, 5 V to 12 V Step-Up Converters
    9 V to 5 V, 12 V to 5 V Step-Down Converters
    Laptop and Palmtop Computers
    Cellular Telephones
    Flash Memory VPP Generators
    Remote Controls
    Peripherals and Add-On Cards
    Battery Backup Supplies
    Uninterruptible Supplies
    Portable Instruments
   




Similar Part No. - ADP1111ANZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1111ANZ-5 AD-ADP1111ANZ-5 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Similar Description - ADP1111ANZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV. 0
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com