Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSP45N20B Datasheet (PDF) - Fairchild Semiconductor

SSP45N20B Datasheet PDF - Fairchild Semiconductor
Part # SSP45N20B
Download  SSP45N20B Download

File Size   914.41 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel MOSFET

SSP45N20B Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP45N20B Datasheet PDF - Fairchild Semiconductor

Part # SSP45N20B
Download  SSP45N20B Click to download

File Size   914.41 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel MOSFET

SSP45N20B Datasheet (HTML) - Fairchild Semiconductor

SSP45N20B Datasheet HTML 1Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 2Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 3Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 4Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 5Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 6Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 7Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 8Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 9Page - Fairchild Semiconductor SSP45N20B Datasheet HTML 10Page - Fairchild Semiconductor

SSP45N20B Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switching DC/DC converters, switch mode power supplies, DC-AC converters for uninterrupted power supply and motor control.
   
Features
• 35A, 200V, RDS(on) = 0.065Ω @VGS = 10 V
• Low gate charge ( typical 133 nC)
• Low Crss ( typical 120 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
   




Similar Part No. - SSP45N20B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSP45N10 SECOS-SSP45N10 Datasheet
581Kb / 4P
   N-Channel Enhancement Mode MOSFET
SSP45N10 SECOS-SSP45N10_15 Datasheet
581Kb / 4P
   N-Channel Enhancement Mode MOSFET
More results


Similar Description - SSP45N20B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com