|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SPT7861 - 10-BIT, 40 MSPS, 160 mW A/D CONVERTER - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SPT7852 | DUAL 10-BIT 20 MSPS 160 mW A/D CONVERTER | 1 2 3 4 5 More | Fairchild Semiconductor |
| AD876 | 10-Bit 20 MSPS 160 mW CMOS A/D Converter | 1 2 3 4 5 More | Analog Devices |
| HI20201 | 10-Bit 160 MSPS Ultra High Speed D/A Converter | 1 2 3 4 5 More | Intersil Corporation |
| SPT7863 | 10-BIT 40 MSPS 160 mW A/D CONVERTER | 1 2 3 4 5 More | Fairchild Semiconductor |
| SPT7830 | 10-BIT 2.5 MSPS SERIAL OUTPUT A/D CONVERTER | 1 2 3 4 5 More | Fairchild Semiconductor |
| HI2309 | Triple 10-Bit 50 MSPS 3-Channel D/A Converter | 1 2 3 4 5 More | Intersil Corporation |
| SPT7851 | 10-BIT 20 MSPS 79 mW A/D CONVERTER | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| ADC10030 | 10-Bit 30 MSPS 125 mW A/D Converter with Internal Sample and Hold | 1 2 3 4 5 More | National Semiconductor |
| AD9203 | 10-Bit 40 MSPS 3 V 74 mW A/D Converter | 1 2 3 4 5 More | Analog Devices |
| SPT7835 | 10-BIT 5 MSPS 75 mW A/D CONVERTER | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|