|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SPT7850SCT - 10-BIT, 20 MSPS, 140 mW A/D CONVERTER - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SPT7830 | 10-BIT 2.5 MSPS SERIAL OUTPUT A/D CONVERTER | 1 2 3 4 5 More | Fairchild Semiconductor |
| HI2309 | Triple 10-Bit 50 MSPS 3-Channel D/A Converter | 1 2 3 4 5 More | Intersil Corporation |
| SPT7851 | 10-BIT 20 MSPS 79 mW A/D CONVERTER | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| CXA1826Q | 6-BIT 140 MSPS FLASH A/D CONVERTER | 1 2 3 4 5 More | Sony Corporation |
| ADC10030 | 10-Bit 30 MSPS 125 mW A/D Converter with Internal Sample and Hold | 1 2 3 4 5 More | National Semiconductor |
| AD9203 | 10-Bit 40 MSPS 3 V 74 mW A/D Converter | 1 2 3 4 5 More | Analog Devices |
| SPT7835 | 10-BIT 5 MSPS 75 mW A/D CONVERTER | 1 2 3 4 5 More | Fairchild Semiconductor |
| HI5746 | 10-Bit 40 MSPS A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| HI2307 | Triple 10-Bit 50 MSPS RGB 3-Channel D/A Converter | 1 2 3 4 5 More | Intersil Corporation |
| SPT7868 | 10-BIT 80 MSPS A/D CONVERTER | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|