Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT5400 Datasheet (PDF) - Fairchild Semiconductor

SPT5400 Datasheet PDF - Fairchild Semiconductor
Part # SPT5400
Download  SPT5400 Download

File Size   73.92 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE

SPT5400 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT5400 Datasheet PDF - Fairchild Semiconductor

Part # SPT5400
Download  SPT5400 Click to download

File Size   73.92 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE

SPT5400 Datasheet (HTML) - Fairchild Semiconductor

SPT5400 Datasheet HTML 1Page - Fairchild Semiconductor SPT5400 Datasheet HTML 2Page - Fairchild Semiconductor SPT5400 Datasheet HTML 3Page - Fairchild Semiconductor SPT5400 Datasheet HTML 4Page - Fairchild Semiconductor SPT5400 Datasheet HTML 5Page - Fairchild Semiconductor SPT5400 Datasheet HTML 6Page - Fairchild Semiconductor SPT5400 Datasheet HTML 7Page - Fairchild Semiconductor SPT5400 Datasheet HTML 8Page - Fairchild Semiconductor

SPT5400 Product details

DESCRIPTION
The SPT5400 has eight 13-bit voltage output digital-to-analog converters on one chip. It operates from ±5 V power supplies and has maximum voltage output swings of up to ±4.5 V without the addition of external components. Novel circuit topology allows for a guaranteed monotonicity of 13 bits without the need for additional circuitry. The SPT5400 has four separate reference voltage inputs, one for each pair of DACs. Four separate analog ground pins allow for separate offset voltages for each DAC pair. Each DAC can be asynchronously loaded through a common 13-bit bus into a double-buffered set of latches. All logic inputs are TTL/CMOS compatible.
The SPT5400 is available in a 44-lead PLCC package over the commercial temperature range of 0 °C to +70 °C.

FEATURES
• Full 13-bit performance without external adjustments
• Eight DACs in one package
• Buffered voltage outputs
• Guaranteed monotonic to 13 bits
• Unipolar or bipolar output swing to ±4.5 V
• Output settling time of 7 µs to ±1/2 LSB
• Double-buffered digital inputs

APPLICATIONS
• Automatic test equipment
• Flat-panel displays
• Arbitrary function generators
• Instrumentation
• Process control



Similar Part No. - SPT5400

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
SPT5400SCP CADEKA-SPT5400SCP Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
More results


Similar Description - SPT5400

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com