Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC75N Datasheet (PDF) - NXP Semiconductors

74HC75N Datasheet PDF - NXP Semiconductors
Part # 74HC75N
Download  74HC75N Download

File Size   87.52 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad bistable transparant latch

74HC75N Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC75N Datasheet PDF - NXP Semiconductors

Part # 74HC75N
Download  74HC75N Click to download

File Size   87.52 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad bistable transparant latch

74HC75N Datasheet (HTML) - NXP Semiconductors

Back Button 74HC75N Datasheet HTML 1Page - NXP Semiconductors 74HC75N Datasheet HTML 2Page - NXP Semiconductors 74HC75N Datasheet HTML 3Page - NXP Semiconductors 74HC75N Datasheet HTML 4Page - NXP Semiconductors 74HC75N Datasheet HTML 5Page - NXP Semiconductors 74HC75N Datasheet HTML 6Page - NXP Semiconductors 74HC75N Datasheet HTML 7Page - NXP Semiconductors 74HC75N Datasheet HTML 8Page - NXP Semiconductors 74HC75N Datasheet HTML 9Page - NXP Semiconductors 74HC75N Datasheet HTML 10Page - NXP Semiconductors Next Button 

74HC75N Product details

General description
The 74HC75 is a high-speed Si-gate CMOS device and is pin compatible with low power Schottky TTL (LSTTL). The 74HC75 is specified in compliance with JEDEC standard no. 7A.
The 74HC75 has four bistable latches. The two latches are simultaneously controlled by one of two active HIGH enable inputs (LE12 and LE34). When LEnn is HIGH, the data enters the latches and appears at the nQ outputs. The nQ outputs follow the data inputs (nD) as long as LEnn is HIGH (transparent). The data on the nD inputs one set-up time prior to the HIGH-to-LOW transition of the LEnn will be stored in the latches. The latched outputs remain stable as long as the LEnn is LOW.

Features
■ Complementary Q and Q outputs
■ VCC and GND on the center pins
■ Low-power dissipation
■ Complies with JEDEC standard no. 7A
■ ESD protection:
   ◆ HBM EIA/JESD22-A114-B exceeds 2000 V
   ◆ MM EIA/JESD22-A115-A exceeds 200 V.
■ Multiple package options
■ Specified from −40 °C to +80 °C and from −40 °C to +125 °C.



Similar Part No. - 74HC75N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
   Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
NXP Semiconductors
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HC7540 NXP-74HC7540 Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
logo
Nexperia B.V. All right...
74HC7540 NEXPERIA-74HC7540 Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
More results


Similar Description - 74HC75N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75_15 Datasheet
113Kb / 20P
   Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
   Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
   Quad. Bistable Latches
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
   4-bit Bistable Latch
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
   Quad. Bistable Latches
logo
Hitachi Semiconductor
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
   Quad. Bistable Latches
logo
Renesas Technology Corp
HD74HC75 RENESAS-HD74HC75 Datasheet
103Kb / 8P
   Quad. Bistable Latches
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com