Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6219-300TDGT3 Datasheet (PDF) - ON Semiconductor

CAT6219-300TDGT3 Datasheet PDF - ON Semiconductor
Part # CAT6219-300TDGT3
Download  CAT6219-300TDGT3 Download

File Size   185.73 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA CMOS LDO Regulator

CAT6219-300TDGT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6219-300TDGT3 Datasheet PDF - ON Semiconductor

Part # CAT6219-300TDGT3
Download  CAT6219-300TDGT3 Click to download

File Size   185.73 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA CMOS LDO Regulator

CAT6219-300TDGT3 Datasheet (HTML) - ON Semiconductor

Back Button CAT6219-300TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 9Page - ON Semiconductor CAT6219-300TDGT3 Datasheet HTML 10Page - ON Semiconductor Next Button 

CAT6219-300TDGT3 Product details

Description

The CAT6219 is a 500 mA CMOS low dropout regulator that provides fast response time during load current and line voltage changes.



Features

•Guaranteed 500 mA Peak Output Current

•Low Dropout Voltage of 300 mV Typical at 500 mA

•Stable with Ceramic Output Capacitor

•External 10 nF Bypass Capacitor for Low Noise

•Quick−start Feature

•Under Voltage Lockout

•No−load Ground Current of 55 A Typical

•Full−load Ground Current of 85 A Typical

•±1.0% Initial Accuracy (VOUT ≥2.0 V)

•±2.0% Accuracy Over Temperature (VOUT ≥2.0 V)

•“Zero” Current Shutdown Mode

•Fold−back Current Limit

•Thermal Protection

•5−lead TSOT−23 and 6−pad TDFN Packages

•These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant



Applications

•Cellular Phones

•Battery−powered Devices

•Consumer Electronics




Similar Part No. - CAT6219-300TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219-300TDGT3 ONSEMI-CAT6219-300TDGT3 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
More results


Similar Description - CAT6219-300TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com