Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29035 Datasheet (PDF) - Intersil Corporation

ISL29035 Datasheet PDF - Intersil Corporation
Part # ISL29035
Download  ISL29035 Download

File Size   101.06 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Digital Light Sensor with Interrupt

ISL29035 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29035 Datasheet PDF - Intersil Corporation

Part # ISL29035
Download  ISL29035 Click to download

File Size   101.06 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Digital Light Sensor with Interrupt

ISL29035 Datasheet (HTML) - Intersil Corporation

ISL29035 Datasheet HTML 1Page - Intersil Corporation ISL29035 Datasheet HTML 2Page - Intersil Corporation

ISL29035 Product details

The ISL29035 is an integrated ambient and infrared light-to-digital converter with I2C (SMBus Compatible) Interface. Its advanced self-calibrated photodiode array emulates human eye response with excellent IR rejection. The on-chip ADC is capable of rejecting 50Hz and 60Hz flicker caused by artificial light sources. The Lux range select feature allows users to program the Lux range for optimized counts/Lux.



Features

• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16-bits ADC

• Wide dynamic range . . . . . . . . . . . . . . . . . . . . . . .1:4,200,000

• Integrated noise reduction . . . . . . . . . . . . . . . . . . . . . 50/60Hz

• Close to human eye response with excellent IR/UV rejection

• Shutdown modes . . . . . . . . . . . . . . . .Software and Automatic

• Programmable interrupt threshold with persistence filter

• Supply current (typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57µA

• Shutdown current (max) . . . . . . . . . . . . . . . . . . . . . . . . 0.51µA

• I2C (SMB compatible) power supply . . . . . . . . . 1.7V to 3.63V

• Sensor power supply . . . . . . . . . . . . . . . . . . . . . 2.25V to 3.63V

• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C

• Small form factor package . . . . . . . 6 Ld 1.5x1.6x0.75 ODFN



Applications

• Mobile devices: smart phone, PDA, GPS

• Computing devices: notebook PC, MacBook, tablets

• Consumer devices: LCD-TV, digital camera

• Industrial and medical light sensing



 




Similar Part No. - ISL29035

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ISL29035 COOPER-ISL29035 Datasheet
101Kb / 2P
   Integrated Digital Light Sensor with Interrupt
logo
Renesas Technology Corp
ISL29035 RENESAS-ISL29035 Datasheet
774Kb / 17P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035 Datasheet
476Kb / 16P
   Integrated Digital Light Sensor with Interrupt
November 12, 2014
logo
Renesas Technology Corp
ISL29035EVAL1Z RENESAS-ISL29035EVAL1Z Datasheet
774Kb / 17P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29035EVAL1Z INTERSIL-ISL29035EVAL1Z Datasheet
476Kb / 16P
   Integrated Digital Light Sensor with Interrupt
November 12, 2014
More results


Similar Description - ISL29035

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29023IROZ-T7 INTERSIL-ISL29023IROZ-T7 Datasheet
623Kb / 14P
   Integrated Digital Light Sensor with Interrupt
May 1, 2014
ISL29035 INTERSIL-ISL29035_14 Datasheet
476Kb / 16P
   Integrated Digital Light Sensor with Interrupt
November 12, 2014
logo
Renesas Technology Corp
ISL29035 RENESAS-ISL29035 Datasheet
774Kb / 17P
   Integrated Digital Light Sensor with Interrupt
logo
Cooper Bussmann, Inc.
ISL29035 COOPER-ISL29035 Datasheet
101Kb / 2P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com