|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RURG80100 - 80A, 1000V Ultrafast Diode - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RURG80100 | 80A 1000V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURU80100 | 80A 1000V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURG8060 | 80A 600V Ultrafast Diode | 1 2 3 4 | Fairchild Semiconductor |
| RURG15100CC | 15A 1000V Ultrafast Dual Diode | 1 2 3 | Intersil Corporation |
| RURG8060 | 80A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURG30100 | 30A 1000V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURU8060 | 80A 600V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURG50100 | 50A 1000V Ultrafast Diode | 1 2 3 | Intersil Corporation |
| RURH15100CC | 15A 1000V Ultrafast Dual Diode | 1 2 3 | Intersil Corporation |
| RURH30100CC | 30A 1000V Ultrafast Dual Diode | 1 2 3 | Intersil Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|