Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP15N05L Datasheet (PDF) - Fairchild Semiconductor

RFP15N05L Datasheet PDF - Fairchild Semiconductor
Part # RFP15N05L
Download  RFP15N05L Download

File Size   354.04 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs

RFP15N05L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP15N05L Datasheet PDF - Fairchild Semiconductor

Part # RFP15N05L
Download  RFP15N05L Click to download

File Size   354.04 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs

RFP15N05L Datasheet (HTML) - Fairchild Semiconductor

RFP15N05L Datasheet HTML 1Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 2Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 3Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 4Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 5Page - Fairchild Semiconductor RFP15N05L Datasheet HTML 6Page - Fairchild Semiconductor

RFP15N05L Product details

15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs



These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power.

These types can be operated directly from integrated circuits.

Formerly developmental type TA0522.



Features

• 15A, 50V and 60V

• rDS(ON)= 0.140Ω

• Design Optimized for 5V Gate Drives

• Can be Driven from QMOS, NMOS, TTL Circuits

• Compatible with Automotive Drive Requirements

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Majority Carrier Device

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”



 




Similar Part No. - RFP15N05L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
List of Unclassifed Man...
RFP15N05L ETC-RFP15N05L Datasheet
227Kb / 4P
   POWER LOGIC LEVEL MOSFETS
logo
New Jersey Semi-Conduct...
RFP15N05L NJSEMI-RFP15N05L Datasheet
95Kb / 2P
   Power Logic Level MOSFETs
RFP15N05L NJSEMI-RFP15N05L Datasheet
151Kb / 2P
   Power Logic Level MOSFETs
logo
VBsemi Electronics Co.,...
RFP15N05L VBSEMI-RFP15N05L Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
More results


Similar Description - RFP15N05L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
   4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
   4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com