|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RC1616 - 0.5A Adjustable/Fixed Low Dropout Linear Regulator - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FAN1616A | 0.5A Adjustable/Fixed Low Dropout Linear Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| UCC284- | Low Dropout 0.5A Negative Linear Regulator | 1 2 3 4 5 More | Texas Instruments |
| RC1584 | 7A Adjustable/Fixed Low Dropout Linear Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| AIC2951 | Low Dropout Linear Regulator | 1 2 3 4 5 More | Analog Intergrations Corporation |
| L1087C | 0.8A Fixed and Adjustable Low Dropout Linear Regulator LDO | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| FAN1585A | 5A Adjustable/Fixed Low Dropout Linear Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| L1084S5 | 5A Adjustable Low Dropout Linear Regulator LDO | 1 2 3 4 | List of Unclassifed Manufacturers |
| APL5835 | 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages | 1 2 3 4 5 More | Anpec Electronics Coropration |
| AIC1733 | 500mA Low Dropout Linear Regulator with Shutdown | 1 2 3 4 5 More | Analog Intergrations Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|