Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM25W040LMT8 Datasheet (PDF) - Fairchild Semiconductor

NM25W040LMT8 Datasheet PDF - Fairchild Semiconductor
Part # NM25W040LMT8
Download  NM25W040LMT8 Download

File Size   101.77 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)

NM25W040LMT8 Datasheet (PDF)

Go To PDF Page Download Datasheet
NM25W040LMT8 Datasheet PDF - Fairchild Semiconductor

Part # NM25W040LMT8
Download  NM25W040LMT8 Click to download

File Size   101.77 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)

NM25W040LMT8 Datasheet (HTML) - Fairchild Semiconductor

NM25W040LMT8 Datasheet HTML 1Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 2Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 3Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 4Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 5Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 6Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 7Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 8Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 9Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 10Page - Fairchild Semiconductor

NM25W040LMT8 Product details

General Description
The NM25C040 is a 4096-bit CMOS EEPROM with an SPI compatible serial interface. The NM25C040 is designed for data storage in applications requiring both non-volatile memory and in system data updates. This EEPROM is well suited for applications using the 68HC11 series of microcontrollers that support the SPI interface for high speed communication with peripheral devices via a serial bus to reduce pin count. The NM25C040 is implemented in Fairchild Semiconductor’s floating gate CMOS process that provides superior endurance and data retention.

Features
■ 2.1 MHz clock rate @ 2.7V to 5.5V
■ 4096 bits organized as 512 x 8
■ Multiple chips on the same 3-wire bus with separate chip select lines
■ Self-timed programming cycle
■ Simultaneous programming of 1 to 4 bytes at a time
■ Status register can be polled during programming to monitor READY/BUSY
■ Write Protect (WP) pin and write disable instruction for both hardware and software write protection
■ Block write protect feature to protect against accidental writes
■ Endurance: 1,000,000 data changes
■ Data retention greater than 40 years
■ Packages available: 8-pin DIP, 8-pin SO, or 8-pin TSSOP




Similar Part No. - NM25W040LMT8

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NM2520N1R0M-T TAIYO-YUDEN-NM2520N1R0M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2520V1R0M-T TAIYO-YUDEN-NM2520V1R0M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2520V2R2M-T TAIYO-YUDEN-NM2520V2R2M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
More results


Similar Description - NM25W040LMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66A FAIRCHILD-FM93C66A Datasheet
117Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com