Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM34W02MT8X Datasheet (PDF) - Fairchild Semiconductor

NM34W02MT8X Datasheet PDF - Fairchild Semiconductor
Part # NM34W02MT8X
Download  NM34W02MT8X Download

File Size   93.08 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect

NM34W02MT8X Datasheet (PDF)

Go To PDF Page Download Datasheet
NM34W02MT8X Datasheet PDF - Fairchild Semiconductor

Part # NM34W02MT8X
Download  NM34W02MT8X Click to download

File Size   93.08 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect

NM34W02MT8X Datasheet (HTML) - Fairchild Semiconductor

Back Button NM34W02MT8X Datasheet HTML 1Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 2Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 3Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 4Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 5Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 6Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 7Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 8Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 9Page - Fairchild Semiconductor NM34W02MT8X Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NM34W02MT8X Product details

General Description
The NM34W02 is 2048 bits of CMOS non-volatile electrically erasable memory. This device is specifically designed to support Serial Presence Detect circuitry in memory modules. This communications protocol uses CLOCK (SCL) and DATA I/O (SDA) lines to synchronously clock data between the master (for example a microprocessor) and the slave EEPROM device(s).
   
Features
■ PC100 Compliant
■ Extended Operating Voltage: 2.7V-5.5V
■ Software Write-Protection for first 128 bytes
■ Hardware Write-Protection for entire memory array
■ 200 µA active current typical
    – 1.0 µA standby current typical (L)
    – 0.1 µA standby current typical (LZ)
■ IIC compatible interface
    – Provides bidirectional data transfer protocol
■ Sixteen byte page write mode
    – Minimizes total write time per byte
■ Self timed write cycle
    - Typical write cycle time of 6ms
■ Endurance: 1,000,000 data changes
■ Data retention greater than 40 years
■ Packages available: 8-pin TSSOP and 8-pin SO
■ Temperature Ranges: Commercial and Extended
   




Similar Part No. - NM34W02MT8X

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NM3484KSLAXA7 NANYA-NM3484KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA7-3D NANYA-NM3484KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA73DNA NANYA-NM3484KSLAXA73DNA Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7 NANYA-NM3488KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7-3D NANYA-NM3488KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
More results


Similar Description - NM34W02MT8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM24WXX FAIRCHILD-NM24WXX Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Microchip Technology
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com