Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDB4060 Datasheet (PDF) - Fairchild Semiconductor

NDB4060 Datasheet PDF - Fairchild Semiconductor
Part # NDB4060
Download  NDB4060 Download

File Size   66.96 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Enhancement Mode Field Effect Transistor

NDB4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
NDB4060 Datasheet PDF - Fairchild Semiconductor

Part # NDB4060
Download  NDB4060 Click to download

File Size   66.96 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Enhancement Mode Field Effect Transistor

NDB4060 Datasheet (HTML) - Fairchild Semiconductor

NDB4060 Datasheet HTML 1Page - Fairchild Semiconductor NDB4060 Datasheet HTML 2Page - Fairchild Semiconductor NDB4060 Datasheet HTML 3Page - Fairchild Semiconductor NDB4060 Datasheet HTML 4Page - Fairchild Semiconductor NDB4060 Datasheet HTML 5Page - Fairchild Semiconductor NDB4060 Datasheet HTML 6Page - Fairchild Semiconductor

NDB4060 Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulses in the avalanche and commutation modes. These devices are particularly suited for low voltage applications such as automotive, DC/DC converters, PWM motor controls, and other battery powered circuits where fast switching, low in-line power loss, and resistance to transients are needed.
   
Features
■ 15A, 60V. RDS(ON) = 0.10W @ VGS=10V.
■ Critical DC electrical parameters specified at elevated
    temperature.
■ Rugged internal source-drain diode can eliminate the need
    for an external Zener diode transient suppressor.
■ 175°C maximum junction temperature rating.
■ High density cell design for extremely low RDS(ON).
■ TO-220 and TO-263 (D2PAK) package for both through hole
    and surface mount applications.
   




Similar Part No. - NDB4060

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB4060 ISC-NDB4060 Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
NDB4060L FAIRCHILD-NDB4060L Datasheet
68Kb / 6P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
NDB4060L ISC-NDB4060L Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - NDB4060

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com