Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ126L8X Datasheet (PDF) - Fairchild Semiconductor

NC7WZ126L8X Datasheet PDF - Fairchild Semiconductor
Part # NC7WZ126L8X
Download  NC7WZ126L8X Download

File Size   172.82 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Dual Buffer with 3-STATE Outputs

NC7WZ126L8X Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7WZ126L8X Datasheet PDF - Fairchild Semiconductor

Part # NC7WZ126L8X
Download  NC7WZ126L8X Click to download

File Size   172.82 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Dual Buffer with 3-STATE Outputs

NC7WZ126L8X Datasheet (HTML) - Fairchild Semiconductor

NC7WZ126L8X Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ126L8X Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ126L8X Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ126L8X Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ126L8X Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ126L8X Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ126L8X Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ126L8X Datasheet HTML 8Page - Fairchild Semiconductor

NC7WZ126L8X Product details

General Description
The NC7WZ126 is a Dual Non-Inverting Buffer with independent active HIGH enables for the 3-STATE outputs. The Ultra High Speed device is fabricated with advanced CMOS technology to achieve superior switching performance with high output drive while maintaining low static power dissipation over a broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC operating range. The inputs and outputs are high impedance when VCC is 0V. Inputs tolerate voltages up to 5.5V independent of VCC operating range. Outputs tolerate voltages above VCC when in the 3-STATE condition.

Features
■ Space saving US8 surface mount package
■ MicroPak™ Pb-Free leadless package
■ Ultra High Speed; tPD 2.6 ns Typ into 50 pF at 5V VCC
■ High Output Drive; ±24 mA at 3V VCC
■ Broad VCC Operating Range: 1.65V to 5.5V
■ Matches the performance of LCX when operated at 3.3V VCC
■ Power down high impedance inputs/outputs
■ Overvoltage tolerant inputs facilitate 5V to 3V translation
■ Outputs are overvoltage tolerant in 3-STATE mode
■ Patented noise/EMI reduction circuitry implemented




Similar Part No. - NC7WZ126L8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ126L8X ONSEMI-NC7WZ126L8X Datasheet
275Kb / 10P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
More results


Similar Description - NC7WZ126L8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ241 ONSEMI-NC7WZ241 Datasheet
282Kb / 11P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ125 FAIRCHILD-NC7WZ125 Datasheet
178Kb / 8P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
logo
ON Semiconductor
NC7WZ126 ONSEMI-NC7WZ126 Datasheet
275Kb / 10P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ241 FAIRCHILD-NC7WZ241 Datasheet
183Kb / 9P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
logo
ON Semiconductor
NC7WZ125 ONSEMI-NC7WZ125 Datasheet
631Kb / 10P
   TinyLogic UHS Dual Buffer with 3-STATE Outputs
Revised January 2005
logo
Fairchild Semiconductor
NC7WZ240 FAIRCHILD-NC7WZ240 Datasheet
182Kb / 9P
   TinyLogic. UHS Dual Inverting Buffer with 3-STATE Outputs
NC7SZ126 FAIRCHILD-NC7SZ126_05 Datasheet
172Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125 Datasheet
93Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ126 FAIRCHILD-NC7SZ126 Datasheet
111Kb / 8P
   TinyLogic UHS Buffer with 3-STATE Output
NC7SZ125 FAIRCHILD-NC7SZ125_05 Datasheet
169Kb / 9P
   TinyLogic UHS Buffer with 3-STATE Output
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com