|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NC7SZ384P5X - TinyLogic UHS 1-Bit Low Power Bus Switch - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NC7SZ384_05 | 1-Bit Low Power Bus Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| NC7SZD384_05 | 1-Bit Low Power Bus Switch with Level Shifting | 1 2 3 4 5 More | Fairchild Semiconductor |
| FSTU32X384_06 | 20-Bit Low Power Bus Switch with −2V Undershoot Protection | 1 2 3 4 5 More | Fairchild Semiconductor |
| 74FST3384_06 | 10−Bit Low Power Bus Switch | 1 2 3 4 5 More | ON Semiconductor |
| NC7WB3125_05 | 2-Bit Low Power Bus Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| NC7WB3306_05 | 2-Bit Low Power Bus Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| NC7WBD3125_05 | 2-Bit Low Power Bus Switch with Level Shifting | 1 2 3 4 5 More | Fairchild Semiconductor |
| NC7WBD3306_05 | 2-Bit Low Power Bus Switch with Level Shifting | 1 2 3 4 5 More | Fairchild Semiconductor |
| FSUSB22_0506 | Low Power 2 Port Hi-Speed USB 2.0 480Mbps Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| FSUSB23_06 | Low Power Hi-Speed USB 2.0 480Mbps Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|