Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV58P6X Datasheet (PDF) - Fairchild Semiconductor

NC7SV58P6X Datasheet PDF - Fairchild Semiconductor
Part # NC7SV58P6X
Download  NC7SV58P6X Download

File Size   194.98 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates

NC7SV58P6X Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SV58P6X Datasheet PDF - Fairchild Semiconductor

Part # NC7SV58P6X
Download  NC7SV58P6X Click to download

File Size   194.98 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates

NC7SV58P6X Datasheet (HTML) - Fairchild Semiconductor

Back Button NC7SV58P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 9Page - Fairchild Semiconductor NC7SV58P6X Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NC7SV58P6X Product details

General Description
The NC7SV57 and NC7SV58 are universal configurable 2-input logic gates from Fairchild’s Ultra Low Power (ULP-A) Series of TinyLogic. ULP-A is ideal for applications that require extreme high speed, high drive and low power. This product is designed for a wide low voltage operating range (0.9V to 3.6V VCC) and applications that require more drive and speed than the TinyLogic ULP series, but still offer best in class low power operation.

Features
■ 0.9V to 3.6V VCC supply operation
■ 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
■ Extremely High Speed tPD
    2.5 ns typ for 2.7V to 3.6V VCC
    3.1 ns typ for 2.3V to 2.7V VCC
    4.0 ns typ for 1.65V to 1.95V VCC
    6.0 ns typ for 1.4V to 1.6V VCC
    8.0 ns typ for 1.1V to 1.3V VCC
    23.0 ns typ for 0.9V VCC
■ Power-Off high impedance inputs and outputs
■ High Static Drive (IOH/IOL)
    ±24 mA @ 3.00V VCC
    ±18 mA @ 2.30V VCC
    ±6 mA @ 1.65V VCC
    ±4 mA @ 1.4V VCC
    ±2 mA @ 1.1V VCC
    ±0.1 mA @ 0.9V VCC
■ Uses patented Quiet Series™ noise/EMI reduction circuitry
■ Ultra small MicroPak™ leadfree package
■ Ultra low Dynamic Power




Similar Part No. - NC7SV58P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV58P6X FAIRCHILD-NC7SV58P6X Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SV58P6X ONSEMI-NC7SV58P6X Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
NC7SV58P6X ONSEMI-NC7SV58P6X Datasheet
376Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
logo
Fairchild Semiconductor
NC7SV58P6X FAIRCHILD-NC7SV58P6X_10 Datasheet
633Kb / 14P
   TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
More results


Similar Description - NC7SV58P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SP57 FAIRCHILD-NC7SP57_04 Datasheet
181Kb / 11P
   TinyLogic ULP Universal Configurable 2-Input Logic Gates
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57_V01 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
NC7SV57 ONSEMI-NC7SV57_V01 Datasheet
376Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
NC7SV57 ONSEMI-NC7SV57 Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_05 Datasheet
175Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_10 Datasheet
633Kb / 14P
   TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com