|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MST4111C - 0.4 INCH (10.2MM) THREE DIGIT STICK DISPLAY - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MSQC4H11C | 0.4 Inch 10.2mm 4 Digit CLOCK STICK DISPLAY | 1 2 3 4 | Fairchild Semiconductor |
| MSQC4111C | 0.4 inch 10.2mm 4 Digit CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MST6111C | 0.56 INCH 14.2 MM THREE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSD4110C | 0.4 INCH 10.1MM TWO DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MST4110C | 10mm 0.400 inch Three Digit NUMERIC STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MST5150C | 0.52 INCH 13.2MM THREE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MST6110C | 0.56 INCH 14.2 MM THREE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MAN6110E | 0.56 INCH 14.2 MM DUAL DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MAN6111C | 0.56 INCH 14.2 MM DUAL DIGIT STICK DISPLAY DIAMOND Font | 1 2 3 4 5 More | Fairchild Semiconductor |
| MAN6160E | 0.56 INCH 14.2 MM SINGLE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|