|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MSQC4911C - 0.4 inch (10.2mm) 4 Digit CLOCK STICK DISPLAY - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MSQC4H11C | 0.4 Inch 10.2mm 4 Digit CLOCK STICK DISPLAY | 1 2 3 4 | Fairchild Semiconductor |
| MST4111C | 0.4 INCH 10.2MM THREE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSQC6110C | 14mm 0.56 inch Four Digit CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSD4110C | 0.4 INCH 10.1MM TWO DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSQC6110W | 14mm 0.56 inch Four Digit CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSQC6412C | 14mm 0.56 inch Four Digit MULTIPLEX CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MAN412C | 0.39 INCH 9.9MM SINGLE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MST6110C | 0.56 INCH 14.2 MM THREE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MST6111C | 0.56 INCH 14.2 MM THREE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MAN6110E | 0.56 INCH 14.2 MM DUAL DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|