Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

644465-8 Datasheet (PDF) - Tyco Electronics

644465-8 Datasheet PDF - Tyco Electronics
Part # 644465-8
Download  644465-8 Download

File Size   113.88 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA 156 CONNECTOR ASSEMBLY, 18 AWG

644465-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
644465-8 Datasheet PDF - Tyco Electronics

Part # 644465-8
Download  644465-8 Click to download

File Size   113.88 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA 156 CONNECTOR ASSEMBLY, 18 AWG

644465-8 Datasheet (HTML) - Tyco Electronics

644465-8 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 644465-8

ManufacturerPart #DatasheetDescription
logo
API Delevan
6444-010 API-6444-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
6444-010 API-6444-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
6444-010 API-6444-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
6444-010 API-6444-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
6444-012 API-6444-012 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
More results


Similar Description - 644465-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
644807 MACOM-644807 Datasheet
128Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 18 AWG
3-640426-2 MACOM-3-640426-2 Datasheet
134Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG, STANDARD
644878 MACOM-644878 Datasheet
139Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY 18 AWG, STANDARD, TAPE MOUNTED
644860 MACOM-644860 Datasheet
113Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 18 AWG, UL94V-0, SPECIAL
640431 MACOM-640431 Datasheet
130Kb / 1P
   MTA 156 CONNECTOR ASSMBLY, 18 AWG, STANDARD
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
640432 MACOM-640432 Datasheet
140Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640430 MACOM-640430 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com