Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC6-4812DF-E Datasheet (PDF) - TDK Electronics

CC6-4812DF-E Datasheet PDF - TDK Electronics
Part # CC6-4812DF-E
Download  CC6-4812DF-E Download

File Size   255.91 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters

CC6-4812DF-E Datasheet (PDF)

Go To PDF Page Download Datasheet
CC6-4812DF-E Datasheet PDF - TDK Electronics

Part # CC6-4812DF-E
Download  CC6-4812DF-E Click to download

File Size   255.91 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters

CC6-4812DF-E Datasheet (HTML) - TDK Electronics

CC6-4812DF-E Datasheet HTML 1Page - TDK Electronics CC6-4812DF-E Datasheet HTML 2Page - TDK Electronics

CC6-4812DF-E Product details

Features
● Mounting area halved compared to existing products
● Nonuse of tantalum capacitor or aluminum electrolytic capacitor
● Remote On/Off function incorporated in all series of products
● High accuracy of ±3% in output voltage (10W of lower single output)
● 5-side metal-shielded low noise design
● Lightweight design with no resin filled up
● Supports DIP insertion, SMD mounting and SIP vertical insertion (3W products)
● Approved by UL60950-1, CSA C22.2 No.60950-1 (C-UL), and EN60950-1 (NEMKO)




Similar Part No. - CC6-4812DF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC6-4812DF-E TDK-CC6-4812DF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC6-4812DF-E TDK-CC6-4812DF-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC6-4812DF-E TDK-CC6-4812DF-E Datasheet
179Kb / 2P
   DC-DC Converters
More results


Similar Description - CC6-4812DF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC1R5-0503SF-E TDK-CC1R5-0503SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC10-2412DR-E TDK-CC10-2412DR-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC152405SRE TDK-CC152405SRE Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
PSS3-24-5 TDK-PSS3-24-5 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS10-24-12 TDK-PSS10-24-12 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS3-24-3R3 TDK-PSS3-24-3R3 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS6245 TDK-PSS6245 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS3-24-12 TDK-PSS3-24-12 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSD1R551212 TDK-PSD1R551212 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com