Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4812CP Datasheet (PDF) - Fairchild Semiconductor

ML4812CP Datasheet PDF - Fairchild Semiconductor
Part # ML4812CP
Download  ML4812CP Download

File Size   348.98 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Power Factor Controller

ML4812CP Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4812CP Datasheet PDF - Fairchild Semiconductor

Part # ML4812CP
Download  ML4812CP Click to download

File Size   348.98 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Power Factor Controller

ML4812CP Datasheet (HTML) - Fairchild Semiconductor

Back Button ML4812CP Datasheet HTML 1Page - Fairchild Semiconductor ML4812CP Datasheet HTML 2Page - Fairchild Semiconductor ML4812CP Datasheet HTML 3Page - Fairchild Semiconductor ML4812CP Datasheet HTML 4Page - Fairchild Semiconductor ML4812CP Datasheet HTML 5Page - Fairchild Semiconductor ML4812CP Datasheet HTML 6Page - Fairchild Semiconductor ML4812CP Datasheet HTML 7Page - Fairchild Semiconductor ML4812CP Datasheet HTML 8Page - Fairchild Semiconductor ML4812CP Datasheet HTML 9Page - Fairchild Semiconductor ML4812CP Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ML4812CP Product details

GENERAL DESCRIPTION
The ML4812 is designed to optimally facilitate a peak current control boost type power factor correction system. Special care has been taken in the design of the ML4812 to increase system noise immunity. The circuit includes a precision reference, gain modulator, error amplifier, over voltage protection, ramp compensation, as well as a high current output. In addition, start-up is simplified by an under-voltage lockout circuit with 6V hysteresis.
In a typical application, the ML4812 functions as a current mode regulator. The current which is necessary to terminate the cycle is a product of the sinusoidal line voltage times the output of the error amplifier which is regulating the output DC voltage. Ramp compensation is programmable with an external resistor, to provide stable operation when the duty cycle exceeds 50%.

FEATURES
■ Precision buffered 5V reference (±0.5%)
■ Current-input gain modulator reduces external
   components and improves noise immunity
■ Programmable ramp compensation circuit
■ 1A peak current totem-pole output drive
■ Overvoltage comparator helps prevent output
   voltage “runaway”
■ Wide common mode range in current sense
   comparators for better noise immunity
■ Large oscillator amplitude for better noise immunity




Similar Part No. - ML4812CP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4812CP MICRO-LINEAR-ML4812CP Datasheet
215Kb / 16P
   Power Factor Controller
More results


Similar Description - ML4812CP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com