Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF100 Datasheet (PDF) - Yea Shin Technology Co., Ltd

UF100 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # UF100
Download  UF100 Download

File Size   79.02 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere

UF100 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF100 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # UF100
Download  UF100 Click to download

File Size   79.02 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere

UF100 Datasheet (HTML) - Yea Shin Technology Co., Ltd

UF100 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF100 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd

UF100 Product details

FEATURES
 • Plastic package has Underwriters Laboratory
    Flammability Classification 94V-O utilizing
    Flame Retardant Epoxy Molding Copound
 • Class passivaeed Jumction In DO-41 Package
 • 1.0 ampere operation at TA=55°C with nothermal runaway
 • Exceeds environmental standards at terminals
 • Ultra fastswitchingfor high efficiency
 • High temperature soldering: 260°C
 • Pbfree product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - UF100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF100 TRSYS-UF100 Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
93Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
UF100 PANJIT-UF100 Datasheet
45Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
UF100 PACELEADER-UF100 Datasheet
260Kb / 2P
   SUPERFAST mount reverse voltage
More results


Similar Description - UF100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100G YEASHIN-UF100G Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF150 YEASHIN-UF150 Datasheet
41Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com