Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951 Datasheet (PDF) - Fairchild Semiconductor

LP2951 Datasheet PDF - Fairchild Semiconductor
Part # LP2951
Download  LP2951 Download

File Size   46.78 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Adjustable Micro Power Voltage Regulator

LP2951 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2951 Datasheet PDF - Fairchild Semiconductor

Part # LP2951
Download  LP2951 Click to download

File Size   46.78 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Adjustable Micro Power Voltage Regulator

LP2951 Datasheet (HTML) - Fairchild Semiconductor

LP2951 Datasheet HTML 1Page - Fairchild Semiconductor LP2951 Datasheet HTML 2Page - Fairchild Semiconductor LP2951 Datasheet HTML 3Page - Fairchild Semiconductor LP2951 Datasheet HTML 4Page - Fairchild Semiconductor LP2951 Datasheet HTML 5Page - Fairchild Semiconductor LP2951 Datasheet HTML 6Page - Fairchild Semiconductor LP2951 Datasheet HTML 7Page - Fairchild Semiconductor LP2951 Datasheet HTML 8Page - Fairchild Semiconductor LP2951 Datasheet HTML 9Page - Fairchild Semiconductor LP2951 Datasheet HTML 10Page - Fairchild Semiconductor

LP2951 Product details

Description
The LP2951 is an adjustable micro power voltage regulator suitable for use in battery-powered systems. This regulator has various functions such as alarm which warns of a low output voltage, often due to falling batteries on the input, the external shutdown which enables the regulator to be switched on and off, current and temperature limiting.

Features
• Low Quiescent Current
• Low Dropout Voltage
• Low Temperature Coefficient
• Tight Line and Load Regulation
• Guaranteed 100mA Output Current
• Internal Short Current & Thermal Limit
• Error Signals of Output Dropout (8 pin Versions only)
• External Shut Down ( 8-Pin Versions Only)




Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Exar Corporation
LP2951 EXAR-LP2951 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
LP2951 ONSEMI-LP2951 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
   150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LP2951 TI-LP2951 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results


Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78RL00DTF FAIRCHILD-KA78RL00DTF Datasheet
53Kb / 10P
   Adjustable Micro Power Voltage Regulator
KA78RL00 FAIRCHILD-KA78RL00 Datasheet
47Kb / 10P
   Adjustable Micro Power Voltage Regulator
LP2951 FAIRCHILD-LP2951_10 Datasheet
99Kb / 8P
   Adjustable Micro Power Voltage Regulator
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
   Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317T ISC-LM317T Datasheet
127Kb / 1P
   Adjustable Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com