Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C22TW-AU Datasheet (PDF) - Pan Jit International Inc.

BZX84C22TW-AU Datasheet PDF - Pan Jit International Inc.
Part # BZX84C22TW-AU
Download  BZX84C22TW-AU Download

File Size   302.06 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description TRIPLE ISOLATED SURFACE MOUNT ZENER DIODES

BZX84C22TW-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C22TW-AU Datasheet PDF - Pan Jit International Inc.

Part # BZX84C22TW-AU
Download  BZX84C22TW-AU Click to download

File Size   302.06 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description TRIPLE ISOLATED SURFACE MOUNT ZENER DIODES

BZX84C22TW-AU Datasheet (HTML) - Pan Jit International Inc.

BZX84C22TW-AU Datasheet HTML 1Page - Pan Jit International Inc. BZX84C22TW-AU Datasheet HTML 2Page - Pan Jit International Inc. BZX84C22TW-AU Datasheet HTML 3Page - Pan Jit International Inc. BZX84C22TW-AU Datasheet HTML 4Page - Pan Jit International Inc. BZX84C22TW-AU Datasheet HTML 5Page - Pan Jit International Inc.

BZX84C22TW-AU Product details

VOLTAGE 2.4 to 75 Volts POWER 200mWatts



FEATURES

• 200mW Power Dissipation Rating

• Zener Voltages from 2.4~75V

• Ideally Suited for Automatic Insertion

• Acqire quality system certificate : TS16949

• AEC-Q101 qualified

• Lead free in comply with EU RoHS 2002/95/EC directives.

• Green molding compound as per IEC61249 Std. . (Halogen Free)



 




Similar Part No. - BZX84C22TW-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C22TW PANJIT-BZX84C22TW Datasheet
106Kb / 3P
   TRIPLE ISOLATED 200mW ZENERS
More results


Similar Description - BZX84C22TW-AU

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKZ5221B CENTRAL-CMKZ5221B_15 Datasheet
556Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_10 Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_15 Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMKZ5221B CENTRAL-CMKZ5221B_10 Datasheet
556Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES 5% TOLERANCE
CMXSH-3 CENTRAL-CMXSH-3_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKSH-3T CENTRAL-CMKSH-3T_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMXSH-3 CENTRAL-CMXSH-3_15 Datasheet
568Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKSH-3T CENTRAL-CMKSH-3T Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMXD4448 CENTRAL-CMXD4448_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMKSH2-4LR CENTRAL-CMKSH2-4LR_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON LOW VF SCHOTTKY DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com